Part Number Hot Search : 
NLAS4157 HE574 400000 CMLM0205 MC162 SD1040CT LT1168 D1012UK
Product Description
Full Text Search
 

To Download HG4510024-H1C Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Miniature PCB Power Relay
FEATURES
HG4510
20A switching capacity Withstand inrush current of 60A 10KV surge voltage between coil and contacts 8 mm creepage distance TYPICAL APPLICATIONS Air conditioners Heaters and refrigeration control Microwave oven
CONTACT RATING
Form Resistive 1 Form A (H) 20A, 250VAC
CONTACT DATA
Material Initial Contact Resistance Max. Switching Current Max. Switching Voltage 1 Form A (H) 20A, 220VAC Max. Switching Power Service Life Mechanical Electrical AgCdO 50 m max. at 1A, 6VDC 20A 250VAC 5000VA 5 x 106 ops. 105 ops.
UL/CSA RATING
Form Resistive
COIL DATA
Coil Voltage Code 005 006 012 024 048 Nominal Voltage ( VDC) 5 6 12 24 48 Resistance () 10% Power Consumption 27.8 40 160 640 2560 Must Operate Voltage max. ( VDC) 3.5 4.2 8.4 16.8 33.6 Must Release Voltage min. ( VDC) 0.5 0.6 1.2 2.4 4.8 Max. Allowable Voltage (VDC) 5.5 6.5 13.2 26.4 52.8
0.9W
CHARACTERISTICS
Operate Time Release Time Insulation Resistance Dielectric Strength Surge Voltage Shock Resistance Vibration Resistance Ambient Temperature Weight 15 ms. max. 10 ms. max. 1000 M, at 500 VDC, 50%RH 2000 Vrms, 1 min. between coil and contacts 1000 Vrms, 1 min. between open contacts 10,000 V, between coil and contacts 20 g, 11ms. functional; 100g, destructive DA 1.5mm, 10 - 55 Hz -40C to 55C 42g, approx.
ORDERING DESIGNATION
Example: Model Coil Voltage Code Contact Form H: 1 Form A Version 1: Sealed Contact Material C: AgCdO HG4510 / 012 H 1 C
HG4510
1/2
HG4510
REFERENCE CURVE
Max. Switching Capacity
100 50 5000
Life Expectancy
Switching Current (A)
10 5
Operations (X103)
1000 500 300 100 50
1 0.5
0.1 1 3 5 710 30 50 100 500 1000
10 0 2 4 6 8 10 12 14 16 18 20 22
Switching Voltage (V)
Switching Current (A)
OVERALL DIMENSIONS, MOUNTING HOLES AND WIRING DIAGRAM (mm)
Overall Dimensions
Mounting Holes (Bottom View)
Wiring Diagram
NOTES
1. 2. 3. All parameters, unless otherwise specified, are measured at ambient temperature 23C. Custom-made services available with operational quantity. Please let us know your special requirements. Specifications subject to change without prior notice.
DB LECTRO INC. 3600 boul. Matte suite I Brossard J4Y-2Z2
TEL: (450)-444-1424 FAX: (450)-444-4714
HG4510
2/2


▲Up To Search▲   

 
Price & Availability of HG4510024-H1C

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X